Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10ETS12STRLPBF Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # 10ETS12STRLPBF
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

10ETS12STRLPBF Datasheet(HTML) 3 Page - Interpoint Corporation Company

  10ETS12STRLPBF Datasheet HTML 1Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 2Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 3Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 4Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 5Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 6Page - Interpoint Corporation Company 10ETS12STRLPBF Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Bulletin I2206 03/05
10ETS12SPbF SAFE
IR Series
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
90
100
110
120
130
140
150
0
2
4
6
8
10
12
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
10ETS.. Series
R
(DC) = 2.5 °C/ W
thJC
90
100
110
120
130
140
150
0
2
4
6
8
10 12 14 16 18
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
10ETS.. Series
R
(DC) = 2.5 °C/ W
thJC
0
2
4
6
8
10
12
14
16
02
4
6
8
10
RMSLimit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
10ETS.. Series
T = 150°C
J
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
10ETS.. Series
T = 150°C
J
40
60
80
100
120
140
160
180
200
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
10ETS.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
40
60
80
100
120
140
160
180
200
220
240
0.01
0.1
1
Pulse Train Duration (s)
10ETS.. Series
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com