Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ78350-R1A Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ78350-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350-R1A Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ78350-R1A_V01 Datasheet HTML 7Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 8Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 9Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 10Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 11Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 12Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 13Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 14Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
•
Discharge FET fault
•
Cell imbalance detection
•
Open thermistor detection
•
AFE communication fault
8.3.3 Charge Control Features
The BQ78350-R1A charge control features include:
•
Provides a range of options to configure the charging algorithm and its actions based on the application
requirements
•
Reports the appropriate charging current needed for constant current charging, and the appropriate charging
voltage needed for constant voltage charging
•
Supports pre-charging/0-volt charging
•
Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range
8.3.4 Fuel Gauging
The BQ78350-R1A device uses Compensated End-of-Discharge Voltage (CEDV) technology to measure and
calculate the available charge in battery cells. The BQ78350-R1A device accumulates a measure of charge and
discharge currents and compensates the charge current measurement for the temperature and state-of-charge of
the battery. The BQ78350-R1A device estimates self-discharge of the battery and also adjusts the self-discharge
estimation based on temperature.
8.3.5 Lifetime Data Logging
The BQ78350-R1A device offers lifetime data logging, where important measurements are stored for warranty
and analysis purposes. The data monitored includes:
•
Lifetime maximum temperature
•
Lifetime minimum temperature
•
Lifetime maximum battery cell voltage per cell
•
Lifetime minimum battery cell voltage per cell
•
Cycle count
•
Maximum charge current
•
Maximum discharge current
•
Safety events that trigger SafetyStatus() updates. (The 12 most common are tracked.)
8.3.6 Authentication
The BQ78350-R1A device supports authentication by the host using SHA-1.
8.3.7 Battery Parameter Measurements
The BQ78350-R1A device digitally reads BQ769x0 registers containing recent values from the integrating
analog-to-digital converter (CC) for current measurement and a second delta-sigma ADC for individual cell and
temperature measurements.
8.3.7.1 Current and Coulomb Counting
The integrating delta-sigma ADC (CC) in the companion BQ769x0 AFE measures the charge/discharge flow of
the battery by measuring the voltage drop across a small-value sense resistor between the SRP and SRN pins.
The 15-bit integrating ADC measures bipolar signals from –0.20 V to 0.20 V with 15-µV resolution. The AFE
reports charge activity when VSR = V(SRP) – V(SRN) is positive, and discharge activity when VSR = V(SRP) – V(SRN)
is negative. The BQ78350-R1A device continuously monitors the measured current and integrates the digital
signal from the AFE over time, using an internal counter.
To support large battery configurations, the current data can be scaled to ensure accurate reporting through the
SMBus. The data reported is scaled based on the setting of the SpecificationInfo() command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com