Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ78350DBTR-R1A Datasheet(PDF) 20 Page - Texas Instruments

Part # BQ78350DBTR-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBTR-R1A Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ78350DBTR-R1A Datasheet HTML 16Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 17Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 18Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 19Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 20Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 21Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 22Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 23Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
0
20
40
60
80
Forced Temperature (ƒC)
C008
At 2000mA
±10
±8
±6
±4
±2
0
2
4
6
8
10
±40
±20
0
20
40
60
80
100
Forced Temperature (ƒC)
C006
At 4200mV
20
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The BQ78350-R1A device takes a short period of time to boot up before the device can begin updating battery
parameter data that can be then reported via the SMBus or the optional display. Normal operation after boot-up
is indicated by the VEN pin pulsing to enable voltage data measurements for the ExtAveCell() function. Figure 10
shows the timing of these signals.
Figure 10. Valid VCC to Full FW Operation
Figure 11, Figure 12, Figure 13, and Figure 14 show Measurement System Performance Data of the BQ78350-
R1A device + the BQ76920 EVM. This data was taken using a standard BQ76920 EVM with power supplies
providing the voltage and current reference inputs.
Figure 11. Cell Voltage Error Reported Through
CellVoltage1…5()
Figure 12. Battery Charge Current Error Reported Through
Current()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com