Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6D2-1/2R Datasheet(PDF) 2 Page - Mersen

Part # A6D2-1/2R
Description  UPGRADE YESTERDAY’S CIRCUITS TO TODAY’S TYPE 2 PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A6D2-1/2R Datasheet(HTML) 2 Page - Mersen

  A6D2-1/2R Datasheet HTML 1Page - Mersen A6D2-1/2R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
PF 2
UL/CSA LISTED
POWER FUSES
P
F
C ATAL OG NUMBERS (AMPS)
0-60A
61-600A
DIMENSIONS
REC OMMENDED
FUSE BL OCK S WITH
B O X C ONNECT ORS F OR
AMP-TRAP® CLA S S RK1
FUSES
A variety of pole configurations and termination
provisions are available. Refer to Section FB for
details.
Fuse
Ampere
Rating
Catalog Number
250V or Less
600V or Less
1 Pole
3 Pole
1 Pole
3 Pole
0-30
20306R
20308R
60306R 60308R
31-60
20606R
20608R
60606R 60608R
61-100
21036R
21038R
61036R
61038R
101-200
22001R
22003R
62001R
62003R
201-400
24001R
24003R
64001R
64003R
401-600
2631R
2633R
6631R
6633R
Ampere Rating
A
B
C
D
E
In
mm
In
mm
In
mm
In
mm
In
mm
250V-A2D
0-30
2
51
9/16
14
-
-
-
-
-
-
31-60
3
76
13/16
21
-
-
-
-
-
-
61-100
5-7/8
149
1-1/16
27
1/8
3
3/4
19
1
25
101-200
7-1/8
181
1-9/16
40
3/16
5
1-1/8
28
1-3/8
35
201-400
8-5/8
219
2-1/16
53
1/4
6
1-5/8
41
1-7/8
48
401-600
10-3/8
264
2-9/16
66
1/4
6
2
51
2-1/4
57
600V-A6D
0-30
5
127
13/16
21
-
-
-
-
-
-
31-60
5-1/2
139
1-1/16
27
-
-
-
-
-
-
61-100
7-7/8
200
1-5/16
34
1/8
3
3/4
19
1
25
101-200
9-5/8
244
1-13/16
46
3/16
5
1-1/8
28
1-3/8
35
201-400
11-5/8
295
2-9/16
66
1/4
6
1-5/8
41
1-7/8
48
401-600
13-3/8
340
3-1/8
80
1/4
6
2
51
2-1/4
57
CLA S S RK-1
A2D-R & A6D-R Time Delay
1-7A: Non-indicating only; SmartSpot visual
indicator not available. No 'N' suffix is
needed.
8-600A: Non-indicating and SmartSpot
versions available
For non-indicating, add suffix 'N' to catalog
number. Ex.: A2D30R (indicating);
A2D30RN (non-indicating).
250V
A2D1/10R
A2D1-4/10R
A2D4-1/2R
A2D8R
A2D45R
A2D175R
A2D15/100R A2D1-6/10R
A2D5R
A2D9R
A2D50R
A2D200R
A2D2/10R
A2D1-8/10R
A2D5-6/10R
A2D10R
A2D60R
A2D225R
A2D3/10R
A2D2R
A2D6R
A2D12R
A2D70R
A2D250R
A2D4/10R
A2D2-1/4R
A2D6-1/4R
A2D15R
A2D75R
A2D300R
A2D1/2R
A2D2-1/2R
A2D7R
A2D17-1/2R
A2D80R
A2D350R
A2D6/10R
A2D2-8/10R
A2D20R
A2D90R
A2D400R
A2D8/10R
A2D3R
A2D25R
A2D100R
A2D450R
A2D1R
A2D3-2/10R
A2D30R
A2D110R
A2D500R
A2D1-1/8R
A2D3-1/2R
A2D35R
A2D125R
A2D600R
A2D1-1/4R
A2D4R
A2D40R
A2D150R
600V
A6D1/10R
A6D1-4/10R
A6D4-1/2R
A6D8R
A6D45R
A6D175R
A6D15/100R A6D1-6/10R
A6D5R
A6D9R
A6D50R
A6D200R
A6D2/10R
A6D1-8/10R
A6D5-6/10R
A6D10R
A6D60R
A6D225R
A6D3/10R
A6D2R
A6D6R
A6D12R
A6D70R
A6D250R
A6D4/10R
A6D2-1/4R
A6D6-1/4R
A6D15R
-
A6D300R
A6D1/2R
A6D2-1/2R
A6D7R
A6D17-1/2R
A6D80R
A6D350R
A6D6/10R
A6D2-8/10R
A6D20R
A6D90R
A6D400R
A6D8/10R
A6D3R
A6D25R
A6D100R
A6D450R
A6D1R
A6D3-2/10R
A6D30R
A6D110R
A6D500R
A6D1-1/8R
A6D3-1/2R
A6D35R
A6D125R
A6D600R
A6D1-1/4R
A6D4R
A6D40R
A6D150R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com