Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB97R8110-WF Datasheet(PDF) 32 Page - RAMXEED LIMITED

Part # MB97R8110-WF
Description  FeRAM Embedded UHF Band RFID LSI
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB97R8110-WF Datasheet(HTML) 32 Page - RAMXEED LIMITED

Back Button MB97R8110-WF Datasheet HTML 28Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 29Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 30Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 31Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 32Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 33Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 34Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 35Page - RAMXEED LIMITED MB97R8110-WF Datasheet HTML 36Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
32
DS411-00007-3v1-E
MB97R8110
7 Extended Application
7.1 SPI master
7.1.1 SPI master setting
SPI master mode is enabled by Write command to WordPtr=9E02h(WordAdr=F02h) of USER bank. It is
necessary to enable setting every power on cycle. The setting value can be read by Read command, but the value
will be reset to “0000h” under the following condition.
•
Power off after setting
•
Internal reset by low power detection
In these cases, it is necessary to set the value again by Write command in order to enable SPI master mode.
The data format of SPI master setting register is shown in Table7.1.1.
Table 7.1.1 –Data format of SPI Master setting
MSB
LSB
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
En Mux
Dio
Rst
Ctl
Re-
served
SetupStart
Reserved
DivClk
En: Master operation Enable/Disable setting
bit
Initial value
Setting
Setting description
15
0
0
SPI master operation Disable
1
SPI master operation Enable
MuxDio: Multiplex setting for DI and DO (refer to Chapter 7.1.2)
bit
Initial value
Setting
Setting description
14
0
0
Separate for DI and DO
1
Multiplex for DI and DO
RstCtl: XRST control
bit
Initial value
Setting
Setting description
13
0
0
XRST is "L" level output
1
XRST is "H" level output
Reserved
bit
Initial value
Setting
Setting description
12
0
0
Set to 0
SetupStart[3:0]: setting number of clock cycles between command receiving and XCS dropping
bit
Initial value
Setting
Setting description
11:8
0h
N
Setup=N*8 clock (N=1 to 15)
Clock Frequency above is SCK output frequency described in DivClk.
Reserved
bit
Initial value Setting
Setting description
7:4
0h
0h
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com