Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND7004AY Datasheet(PDF) 39 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VND7004AY_V01 Datasheet HTML 35Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 36Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 37Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 38Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 39Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 40Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 41Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 42Page - STMicroelectronics VND7004AY_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
VND7004AY
Package information
DocID027772 Rev 11
39/47
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
PowerSSO-36 package information
Figure 44: PowerSSO-36 package outline
Table 16: PowerSSO-36 mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
Θ
0°
8°
Θ1
5°
10°
Θ2
0°
A
2.15
2.45
A1
0.00
0.10
BOTTOM VIEW
TOP VIEW
SECTION A-A
SECTION B-B
GAPG2508150825CF T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com