Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND7040AJTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND7040AJTR
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7040AJTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND7040AJTR Datasheet HTML 9Page - STMicroelectronics VND7040AJTR Datasheet HTML 10Page - STMicroelectronics VND7040AJTR Datasheet HTML 11Page - STMicroelectronics VND7040AJTR Datasheet HTML 12Page - STMicroelectronics VND7040AJTR Datasheet HTML 13Page - STMicroelectronics VND7040AJTR Datasheet HTML 14Page - STMicroelectronics VND7040AJTR Datasheet HTML 15Page - STMicroelectronics VND7040AJTR Datasheet HTML 16Page - STMicroelectronics VND7040AJTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
VND7040AJ
Electrical specification
DocID027395 Rev 2
13/47
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MultiSense enabled:
VSEn = 5 V; ChX OFF; ChX
diagnostic selected:
•
E.g. Ch0:
VIN0 = 0 V; VIN1 = 5 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT1 = 2.5 A
0
2
VOUT_MSD(1)
Output Voltage for
MultiSense
shutdown
VSEn = 5 V; RSENSE = 2.7 kΩ;
•
E.g. Ch0:
VIN0 = 5 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT0 = 2.5 A
5
V
VSENSE_SAT
Multisense
saturation voltage
VCC = 7 V; RSENSE = 2.7 kΩ;
VSEn = 5 V; VIN0 = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
IOUT0 = 4.5 A; Tj = 150°C
5
V
ISENSE_SAT(1)
CS saturation
current
VCC = 7 V; VSENSE = 4 V;
VIN0 = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
4
mA
IOUT_SAT(1)
Output saturation
current
VCC = 7 V; VSENSE = 4 V;
VIN0 = 5 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
6
A
OFF-state diagnostic
VOL
OFF-state open-
load voltage
detection threshold
VSEn = 5 V; ChX OFF;
ChX diagnostic selected
•
E.g: Ch0
VIN0 = 0 V;
VSEL0 = 0 V;
VSEL1 = 0 V
2
3
4
V
IL(off2)
OFF-state output
sink current
VIN = 0 V; VOUT = VOL;
Tj = -40°C to 125°C
-100
-15
µA
tDSTKON
OFF-state
diagnostic delay
time from falling
edge of INPUT (see
Figure 9:
"TDSTKON")
VSEn = 5 V; ChX ON to OFF
transition;
ChX diagnostic selected
•
E.g: Ch0
VIN0 = 5 V to 0 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT0 = 0 A; VOUT = 4 V
100
350
700
µs
tD_OL_V
Settling time for
valid OFF-state
open load diagnostic
indication from rising
edge of SEn
VIN0 = 0 V; VIN1 = 0 V;
VFR = 0 V; VSEL0 = 0 V;
VSEL1 = 0 V; VOUT0 = 4 V;
VSEn = 0 V to 5 V
60
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com