Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND7E040AJ Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND7E040AJ
Description  Double channel high-side driver with CurrentSense analog feedback for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7E040AJ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND7E040AJ Datasheet HTML 17Page - STMicroelectronics VND7E040AJ Datasheet HTML 18Page - STMicroelectronics VND7E040AJ Datasheet HTML 19Page - STMicroelectronics VND7E040AJ Datasheet HTML 20Page - STMicroelectronics VND7E040AJ Datasheet HTML 21Page - STMicroelectronics VND7E040AJ Datasheet HTML 22Page - STMicroelectronics VND7E040AJ Datasheet HTML 23Page - STMicroelectronics VND7E040AJ Datasheet HTML 24Page - STMicroelectronics VND7E040AJ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Figure 32. VSENSE clamp vs. Tcase
GADG231120181026VCT
5
0
-5
-10
-15
-20
-50 -25
0
25 50 75 100 125 150
VSENSE_CL [V]
T [°C]
Iin = 1 mA
Iin = -1 mA
175
Figure 33. VSENSEH vs. Tcase
GADG231120181027VST
9
8
7
6
5
4
3
2
1
0
-50 -25
0
25 50 75 100 125 150
VSENSEH [V]
T [°C]
175
VND7E040AJ
Electrical characteristics curves
DS11946 - Rev 2
page 21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com