Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND810SP Datasheet(PDF) 18 Page - STMicroelectronics

Part # VND810SP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810SP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VND810SP_V01 Datasheet HTML 14Page - STMicroelectronics VND810SP_V01 Datasheet HTML 15Page - STMicroelectronics VND810SP_V01 Datasheet HTML 16Page - STMicroelectronics VND810SP_V01 Datasheet HTML 17Page - STMicroelectronics VND810SP_V01 Datasheet HTML 18Page - STMicroelectronics VND810SP_V01 Datasheet HTML 19Page - STMicroelectronics VND810SP_V01 Datasheet HTML 20Page - STMicroelectronics VND810SP_V01 Datasheet HTML 21Page - STMicroelectronics VND810SP_V01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
VND810SP
18/27
Doc ID 7377 Rev 5
3.4
Open-load detection in off-state
Off-state open-load detection requires an external pull-up resistor (RPU) connected between
OUTPUT pin and a positive supply voltage (VPU) like the +5V line used to supply the
microprocessor.
The external resistor has to be selected according to the following requirements:
1) no false open-load indication when load is connected: in this case we have to avoid VOUT
to be higher than VOlmin; this results in the following condition
VOUT = (VPU / (RL + RPU))RL < VOlmin.
2) no misdetection when load is disconnected: in this case the VOUT has to be higher than
VOLmax; this results in the following condition RPU < (VPU - VOLmax) / IL(off2).
Because Is(OFF) may significantly increase if Vout is pulled high (up to several mA), the pull-
up resistor RPU should be connected to a supply that is switched OFF when the module is in
standby.
Figure 25.
Open-load detection in off-state
VOL
V batt.
VPU
RPU
RL
R
DRIVER
+
LOGIC
+
-
INPUT
STATUS
VCC
OUT
GROUND
IL(off2)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com