Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND830MSP-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND830MSP-E
Description  Double channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND830MSP-E Datasheet HTML 3Page - STMicroelectronics VND830MSP-E Datasheet HTML 4Page - STMicroelectronics VND830MSP-E Datasheet HTML 5Page - STMicroelectronics VND830MSP-E Datasheet HTML 6Page - STMicroelectronics VND830MSP-E Datasheet HTML 7Page - STMicroelectronics VND830MSP-E Datasheet HTML 8Page - STMicroelectronics VND830MSP-E Datasheet HTML 9Page - STMicroelectronics VND830MSP-E Datasheet HTML 10Page - STMicroelectronics VND830MSP-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VND830MSP-E
Electrical specifications
Doc ID 10903 Rev 4
7/28
2.2
Thermal data
EMAX
Maximum switching energy
(L = 0.18 mH; RL =0 Ω; Vbat=13.5 V;
Tjstart = 150 °C; IL =9 A)
100
mJ
Ptot
Power dissipation at Tc = 25 °C
73.5
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.7
°C/W
Rthj-amb
Thermal resistance junction-ambient
51.7(1)
1.
When mounted on a standard single sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick). Horizontal
mounting and no artificial air flow.
37(2)
2.
When mounted on a standard single sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick). Horizontal
mounting and no artificial air flow.
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com