Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9008AJ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND9008AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9008AJ Datasheet(HTML) 3 Page - STMicroelectronics

  VND9008AJ Datasheet HTML 1Page - STMicroelectronics VND9008AJ Datasheet HTML 2Page - STMicroelectronics VND9008AJ Datasheet HTML 3Page - STMicroelectronics VND9008AJ Datasheet HTML 4Page - STMicroelectronics VND9008AJ Datasheet HTML 5Page - STMicroelectronics VND9008AJ Datasheet HTML 6Page - STMicroelectronics VND9008AJ Datasheet HTML 7Page - STMicroelectronics VND9008AJ Datasheet HTML 8Page - STMicroelectronics VND9008AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Logic
VCC
Gate driver
CH 1
CH 0
VCC-OUT
clamp
limitation
Current
Power limitation
Overtemperature
Open-Load in OFF
Reverse battery
Sense
Current
Channel 0
control & diagnostic
Channel 1
shut-down
Undervoltage
Internal supply
clamp
VCC – GND
GND
SEL
IN0
IN1
SEn
FaultRST
OUT0
OUT1
CS
GADG0507181254PS
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1 Power output.
GND
Ground connection. Must be reverse battery protected by an external diode / resistor network.
INPUT0,1
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS outputs. It controls output switch
state.
CS
Multiplexed analog sense output pin; it delivers a current proportional to the selected load current.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables the CS diagnostic pin.
SEL
Active high compatible with 3 V and 5 V CMOS outputs pin; it addresses the CS multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in case of fault; If kept low,
sets the outputs in auto-restart mode.
VND9008AJ
Block diagram and pin description
DS12148 - Rev 5
page 3/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com