Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND9012AJTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND9012AJTR
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND9012AJTR Datasheet HTML 9Page - STMicroelectronics VND9012AJTR Datasheet HTML 10Page - STMicroelectronics VND9012AJTR Datasheet HTML 11Page - STMicroelectronics VND9012AJTR Datasheet HTML 12Page - STMicroelectronics VND9012AJTR Datasheet HTML 13Page - STMicroelectronics VND9012AJTR Datasheet HTML 14Page - STMicroelectronics VND9012AJTR Datasheet HTML 15Page - STMicroelectronics VND9012AJTR Datasheet HTML 16Page - STMicroelectronics VND9012AJTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISENSEH
Current sense output current
in fault condition
IOUT0 = 0 A; VOUT0 = 4 V
mA
Current sense timings (current sense mode - see Figure 5. Current sense timings (current sense mode))(3)
tDSENSE1H
Current sense settling time
from rising edge of SEn
VIN = 5 V; VSEn = 0 V to 5 V;
RSENSE = 1 kΩ; RL = 2.8 Ω
60
µs
tDSENSE1L
Current sense disable delay
time from falling edge of SEn
VIN = 5 V; VSEn = 5 V to 0 V;
RSENSE = 1 kΩ; RL = 2.8 Ω
5
20
µs
tDSENSE2H
Current sense settling time
from rising edge of INPUT
VIN = 0 V to 5 V; VSEn = 5 V;
RSENSE = 1 kΩ; RL = 2.8 Ω
100
200
µs
ΔtDSENSE2H
Current sense settling time
from rising edge of IOUT
(dynamic response to a step
change of IOUT)
VIN = 5 V; VSEn = 5 V; RSENSE = 1 kΩ;
ISENSE = 90 % of ISENSEMAX;
RL = 2.8 Ω
100
µs
tDSENSE2L
Current sense turn-off delay
time from falling edge of
INPUT
VIN = 5 V to 0 V; VSEn = 5 V;
RSENSE = 1 kΩ; RL = 2.8 Ω
50
250
µs
tDSENSE3H
Current sense latch-OFF
filtering time
1.4
2.0
2.6
ms
Current sense timings (Multiplexer transition times)(3)
tD_XtoY
Current sense transition delay
from ChX to ChY
VIN0 = 5 V; VIN1 = 5 V; VSEn = 5 V;
VSEL = 0 V to 5 V; IOUT0 = 0 A;
IOUT1 = 4.75 A; RSENSE = 1 kΩ
30
µs
tD_CStoVSENSEH
Current sense transition delay
from stable current sense on
ChX to VSENSEH on ChY
VIN0 = 5 V; VIN1 = 0 V; VSEn = 5 V;
VSEL = 0 V to 5 V; IOUT0 = 4.5 A;
VOUT1 = 4 V; RSENSE = 1 kΩ
20
µs
1. Parameter guaranteed by design and characterization; not subject to production test.
2. All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
3. Transition delay is measured up to +/- 10% of final conditions.
VND9012AJ
Electrical specifications
DS12727 - Rev 5
page 13/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com