Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ7040AY Datasheet(PDF) 49 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VNQ7040AY_V01 Datasheet HTML 42Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 43Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 44Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 45Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 46Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 47Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 48Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 49Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
VNQ7040AY
Revision history
DocID027406 Rev 4
49/50
9
Revision history
Table 26: Document revision history
Date
Revision
Changes
21-Oct-2015
1
Initial release.
02-May-2016
2
Added “AEC-Q100 qualified” in Features
Upated Table 4: "Thermal data"
Upated Table 8: "MultiSense"
Updated Section 6: "Package and PCB thermal data"
15-Jul-2016
3
Updated Figure 52: "PowerSSO-36 reel 13""and Table 23: "Reel
dimensions"
21-Dec-2017
4
Updated Table 10: "Switching in Bulb Mode" and Table 12:
"Switching in LED Mode"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com