Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ830PEP-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ830PEP-E
Description  Quad channel high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830PEP-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ830PEP-E Datasheet HTML 9Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 10Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 11Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 12Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 13Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 14Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 15Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 16Page - STMicroelectronics VNQ830PEP-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VNQ830PEP-E
Electrical specifications
Doc ID 10871 Rev 8
13/27
2.4
Electrical characteristics curves
Figure 7.
Off-state output current
Figure 8.
High level input current
Figure 9.
Input clamp voltage
Figure 10. Turn-on voltage slope
Figure 11. Overvoltage shutdown
Figure 12. Turn-off voltage slope
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.35
0.7
1.05
1.4
1.75
2.1
2.45
2.8
IL (off1) (µA)
Vcc=36
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
Iih (µA)
Vcc=13V
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vicl (V)
Iin=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
dVout/dt (on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32.5
35
37.5
40
42.5
45
47.5
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
dVout/dt (off) (V/ms)
Vcc=13V
Rl=6.5Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com