Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ830 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNQ830
Description  Quad channel high-side driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNQ830_V01 Datasheet HTML 17Page - STMicroelectronics VNQ830_V01 Datasheet HTML 18Page - STMicroelectronics VNQ830_V01 Datasheet HTML 19Page - STMicroelectronics VNQ830_V01 Datasheet HTML 20Page - STMicroelectronics VNQ830_V01 Datasheet HTML 21Page - STMicroelectronics VNQ830_V01 Datasheet HTML 22Page - STMicroelectronics VNQ830_V01 Datasheet HTML 23Page - STMicroelectronics VNQ830_V01 Datasheet HTML 24Page - STMicroelectronics VNQ830_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
VNQ830
Application information
Doc ID 7390 Rev 5
21/28
3.5
Maximum demagnetization energy (VCC = 13.5V)
Figure 26.
Maximum turn-off current versus load inductance
Note:
Values are generated with RL = 0 Ω.
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse
must not exceed the temperature specified above for curves B and C.
1
10
100
0.1
1
10
100
L(mH)
ILMAX (A)
VIN, IL
t
Demagnetization
Demagnetization
Demagnetization
A = single pulse at TJstart = 150 °C
B= repetitive pulse at TJstart = 100 °C
C= repetitive pulse at TJstart = 125 °C
A
B
C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com