Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6390D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6390D
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6390D Datasheet HTML 3Page - STMicroelectronics L6390D Datasheet HTML 4Page - STMicroelectronics L6390D Datasheet HTML 5Page - STMicroelectronics L6390D Datasheet HTML 6Page - STMicroelectronics L6390D Datasheet HTML 7Page - STMicroelectronics L6390D Datasheet HTML 8Page - STMicroelectronics L6390D Datasheet HTML 9Page - STMicroelectronics L6390D Datasheet HTML 10Page - STMicroelectronics L6390D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID14493 Rev 11
7/25
L6390
Electrical characteristics
25
4
Electrical characteristics
4.1
AC operation
Table 5. AC operation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ. Max. Unit
ton
1 vs. 11
3 vs. 15
High/low-side driver turn-on
propagation delay
VOUT = 0 V
VBOOT = VCC
CL = 1 nF
Vi = 0 to 3.3 V
See Figure 4 on page 12
50
125
200
ns
toff
High/low-side driver turn-off
propagation delay
50
125
200
ns
tsd
2 vs. 11, 15
Shutdown to high/low-side
driver propagation delay
50
125
200
ns
tisd
-
Comparator triggering to
high/low-side driver turn-off
propagation delay
Measured applying a voltage step
from 0 V to 3.3 V to pin CP+.
50
200
250
ns
MT
-
Delay matching, HS and LS
turn-on/off
--
-
30
ns
DT
5
Deadtime setting range(1)
RDT = 0, CL = 1 nF
0.1
0.18
0.25
s
RDT = 37 k, CL = 1 nF,
CDT = 100 nF
0.48
0.6
0.72
s
RDT = 136 k, CL = 1 nF,
CDT = 100 nF
1.35
1.6
1.85
s
RDT = 260 k, CL = 1 nF,
CDT = 100 nF
2.6
3.0
3.4
s
MDT
-
Matching deadtime(2)
RDT = 0, CL = 1 nF
-
-
80
ns
RDT = 37 k, CL = 1 nF,
CDT = 100 nF
--
120
ns
RDT = 136 k, CL = 1 nF,
CDT = 100 nF
--
250
ns
RDT = 260 k, CL = 1 nF,
CDT = 100 nF
--
400
ns
tr
11, 15
Rise time
CL = 1 nF
-
75
120
ns
tf
Fall time
CL = 1 nF
-
35
70
ns
1. See Figure 3.
2. MDT = | DTLH - DTHL | see Figure 6 on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com