Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33C8VATR Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32WL33C8VATR
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8VATR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32WL33C8VATR Datasheet HTML 50Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 51Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 52Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 53Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 54Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 55Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 56Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 57Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
6.3.6
RF transmitter
Characteristics measured over recommended operating conditions unless otherwise specified. All typical values
are referred to a temperature of 25 °C, VBAT = 3.3 V. All performance data is referred to the reference design with
a 50-ohm antenna connector.
Transmission measurements are performed for VDD = 3.3 V, TA = 25 °C, SMPS ON, SMPS frequency 4 MHz,
SMPS Vout value dependent on the desired output power =1.4V, 16 MHz system clock, HSIPLL mode, HSE GMC
setting 0x0A
TX measurements are given for HPM test conditions:
VDD = 3.3V, TA = 25o C, SMPS ON, SMPS frequency 4 MHz (unless otherwise stated), SMPS Vout according to
output power, 16 MHz system clock, HSI mode.
Table 36. RF transmitter characteristics
Parameter
Test condition
RF power
Unit
Maximum output power
TX mode, SMPS = 2 V
14
dBm
TX mode, SMPS = 1.4 V
10
TXHP mode, SMPS = 1.5 V
PA_DEGEN_ON
16
TX+TXHP mode, SMPS = 2 V
PA_DEGEN_ON
20
Output power step (all modes)
All BOMs, all frequencies
0.5
dB
Table 37. PA impedance
Parameter
Test condition
Typ
Unit
Optimum load impedance
433 MHz 10 dBm, TX mode, Vsmps = 1.4 V
52 Ω // 35 nH
Ω
433 MHz 14 dBm, TXHP mode, Vsmps = 1.4 V
37 Ω // 37 nH
433 MHz 16 dBm, TXHP mode, Vsmps = 1.6 V
37 Ω // 37 nH
868-929 MHz 10 dBm, TX mode, Vsmps = 1.4 V
40 Ω // 36 nH
868-929 MHz 14 dBm, TXHP mode, Vsmps = 1.4 V
32 Ω // 16 nH
868-929 MHz 16 dBm, TXHP mode,
PA_DEGEN_ON, Vsmps = 1.5 V
44 Ω // 18 nH
902-928 MHz 20 dBm, TX+TXHP mode,
PA_DEGEN_ON, Vsmps = 2.2 V
20 Ω // 6 nH
Table 38. Regulatory standards
Frequency band
Suitable for compliance with:
413 - 479 MHz
ETSI EN300 220 category 1
FCC part 15, FCC part 90
ARIB STD-T67
826 - 958 MHz
ETSI EN300 220-2 category 1
FCC part 15
ARIB STD-T108
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 54/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com