Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33CBVTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32WL33CBVTR
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33CBVTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32WL33CBVTR Datasheet HTML 18Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 19Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 20Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 21Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 22Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 23Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 24Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 25Page - STMicroelectronics STM32WL33CBVTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
3.13
Advanced encryption standard hardware accelerator (AES)
The AES hardware accelerator can be used to both encrypt and decrypt data using the AES algorithm. It is a fully
compliant implementation of the advanced encryption standard (AES) as defined by Federal Information
Processing Standards Publication (FIPS PUB 197, 2001 November 26). Multiple key sizes and chaining modes
are supported: ECB, CBC, CTR for key sizes of 128 bits The AES is a 32-bit AHB peripheral. It supports DMA
single transfers for incoming and outgoing data (two DMA channels required). The AES IP provides hardware
acceleration to AES crypto algorithm packaged in STM32WL33xx crypto library (excluding key length of 192-bit).
The main features of the AESare:
•
NIST FIPS publication 197, Advanced Encryption Standard (AES) compliant implementation
•
128-bit data block processing
•
Support for cipher keys length of 128-bit
•
Encryption and decryption with multiple chaining modes: – Electronic Code Book (ECB) – Cipher Block
Chaining (CBC) – Counter Mode (CTR)
•
51 clock cycles for processing one 128-bit block of data with a 128-bit key in ECB mode
•
Integrated key scheduler with its key derivation stage (ECB or CBC decryption only)
•
32-bit AHB interface for register accesses, supporting complete word access only (32- bit). NB: AHB
sequential accesses are not supported.
•
128-bit registers for storing initialization vectors (4× 32-bit)
•
1x32-bit INPUT buffer and 1x32-bit OUTPUT buffer
•
Automatic data flow control with support of direct memory access (DMA) using two channels (one for
incoming data, one for processed data). Single transfers only.
•
Data swapping logic to support 1-bit, 8-bit, 16-bit or 32-bit data
•
Possibility for software to suspend a message if the IP needs to process another message with a higher
priority (context swapping)
3.14
True random number generator (RNG)
The RNG is a random number generator based on a continuous analog noise that provides a 16-bit value to the
host when read.
3.15
Cyclic redundancy check (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a configurable generator
with polynomial value and size. Among other applications, the CRC-based techniques are used to verify data
transmission or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a mean to verify the
flash memory integrity. The CRC calculation unit helps to compute a signature of the software during runtime,
which can later be compared with a reference signature generated at link-time, and which can be stored at a
given memory location.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 22/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com