Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33C8V7 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32WL33C8V7
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8V7 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32WL33C8V7 Datasheet HTML 26Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 27Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 28Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 29Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 30Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 31Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 32Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 33Page - STMicroelectronics STM32WL33C8V7 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
3.26
Digital to analog converter (DAC)
The STM32WL33xx embeds one ultra-low power 6-bit DAC module. The DAC may be used in conjunction with
the DMA controller.
The DAC has three output channels:
•
DACOUT_GPIO connected to GPIO PA13
•
DACOUT_VCMBUF connected to VCMBUFF
•
DACOUT_COMPMINUS connected to COMP MINUS input
Main DAC features:
•
Synchronized update capability
•
Noise-wave generation
•
Triangular-wave generation
•
DMA capability
•
DMA underrun error detection and interrupt generation
•
External triggers (GPIO, TIM16) for conversion
•
Input voltage reference
3.27
LC sensor controller (LCSC)
The LC sensor controller controls DAC, COMP power-on/power-off and dedicated GPIOs (PB1, PA14, PB2) for
the measurement of LC networks damping times. The LC damping time measurements are used in fluid (typically
water) metering applications.
In this kind of application, the flow of a fluid in a pipe forces the rotation of a wheel, whose number of revolutions
permits to quantify the amount of consumed fluid. Three external LC networks, positioned on top of the wheel,
permit the counting of the revolutions. These networks are to be connected to identified GPIOs. Two of them allow
to find the position of the rotating wheel, whereas the other one is necessary to avoid tamper.
LC sensor controller main features:
•
Manage the sequence of measurement of the 3 LC available networks (LCA, LCB, LCT)
•
Manages the power-on/power-off of COMP, DAC
•
Count the number of comparator (COMP) output edges for each LC to determine the wheel position or if
there is any tamper
•
Count the number of wheel revolutions (a full revolution means that the wheel has started rotating from a
defined initial position up to returning to this position)
•
Wakeup from low-power modes (WFI or Deepstop) and notify the system through an interrupt when the
total number of wheel revolutions reaches a given threshold fixed by the application user.
3.28
Debug support (DBG)
The STM32WL33xx embeds an Arm serial wire debug (SWD) interface that enables interactive debugging and
programming of the device. The interface is composed of only two pins: SWDIO and SWCLK. The enhanced
debugging features for developers allow up to 4 breakpoints and up to 2 watchpoints.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 30/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com