Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD3268A0YZPR Datasheet(PDF) 16 Page - Texas Instruments

Part # CD3268A0YZPR
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268A0YZPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD3268A0YZPR Datasheet HTML 12Page - Texas Instruments CD3268A0YZPR Datasheet HTML 13Page - Texas Instruments CD3268A0YZPR Datasheet HTML 14Page - Texas Instruments CD3268A0YZPR Datasheet HTML 15Page - Texas Instruments CD3268A0YZPR Datasheet HTML 16Page - Texas Instruments CD3268A0YZPR Datasheet HTML 17Page - Texas Instruments CD3268A0YZPR Datasheet HTML 18Page - Texas Instruments CD3268A0YZPR Datasheet HTML 19Page - Texas Instruments CD3268A0YZPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
button/ACK frequency, and the third to differentiate between an authentication sequence and a button press.
The third sample is taken 2.89ms after the second sample. If the specially enabled audio interface reads the
ACK frequency during the third sample, the interface acknowledges a proper authentication sequence. If the
tone frequency is not present during the third sample, the specially enabled audio interface recognizes the tone
sequence as a button tone. When a button tone is recognized any time after the timeout period, the specially
enabled audio interface records a button press event.
7.3.3 Shunt Regulator
An internal shunt regulator in the CD326x isolates the internal circuitry power supply from the MIC pin. The shunt
regulator can provide power to an external microphone module through the MICPWR pin, or the MICPWR output
can be used as an enable signal to control power to an external microphone module as shown in Figure 8-1. The
CD326x regulates the MICPWR output to approximately 1.56V. The shunt regulator only regulates the VSHUNT
and MICPWR pins during tone mode. During button mode operation, the CD326x powers down the regulator.
An external resistance between the MIC and VSHUNT pins determines the current into the VSHUNT pin. The
shunt regulator requires current of at least 93µA to maintain regulation of the VSHUNT pin. Any excess current
becomes available to the load at MICPWR. Any further excess current is internally shunted to ground.
7.3.4 Power-on-reset
The CD326x has an internal power-on-reset (POR) circuit that holds all internal logic in a predetermined reset
state until the supply voltage reaches a valid operating level and all internal nodes have stabilized. Figure 7-3
illustrates POR operation.
While the MIC pin is below VLVALID (200mV typical), POR is in an indeterminate state. When the supply voltage
on the MIC pin is greater than VLVALID, the POR circuit asserts low until the supply rises to VPOR-RISE (1.2V
typical). When the supply reaches VPOR-RISE, the POR function enters a valid operating supply state, and the
POR signal remains asserted low for a predetermined delay tDPOR (1ms typical).
The POR function remains in the valid operating supply state until the supply voltage on the MIC pin falls
below VPOR-FALL (0.8V typical). Upon falling below this threshold, the POR circuit immediately asserts the POR
signal and enters the original low-supply state until a valid operating supply voltage is supplied. When the POR
circuit recognizes a low-supply voltage during tDPOR, the circuit immediately resets the delay timer, maintains the
asserted POR signal, and enters the low-supply state. After a valid operating supply voltage is reached again,
the POR circuit repeats the operation.
Logic Status
RESET
RESET
ACTIVE
ACTIVE
X
VPOR-RISE
VPOR-FALL
VLVALID
tDPOR
1ms
Time
MIC
POR
tDPOR
1ms
0.8
1.2
0.2
Figure 7-3. Power-on-reset (POR) Logic Signal
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com