Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC5686IPZP1G4 Datasheet(PDF) 27 Page - Texas Instruments

Part # DAC5686IPZP1G4
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP1G4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC5686IPZP1G4 Datasheet HTML 23Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 24Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 25Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 26Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 27Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 28Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 29Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 30Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Non-Harmonic Clock-Related Spurious Signals
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
Table 3. Clock-Mode Configuration (continued)
CLOCK MODE
PLLVDD
DIV[1:0]
SEL[1:0]
DATA RATE (MSPS)
PLLLOCK PIN FUNCTION
Non-interleaved input data; internal PLL on; DA[15:0] data rate matches DB[15:0] data rate.
Internal 2×
3.3 V
00
00
125 to 160
Internal PLL lock indicator
Internal 2×
3.3 V
01
00
62.5 to 125
Internal PLL lock indicator
Internal 2×
3.3 V
10
00
31.25 to 62.5
Internal PLL lock indicator
Internal 2×
3.3 V
11
00
15.63 to 31.25
Internal PLL lock indicator
Internal 4×
3.3 V
00
01
62.5 to 125
Internal PLL lock indicator
Internal 4×
3.3 V
01
01
31.25 to 62.5
Internal PLL lock indicator
Internal 4×
3.3 V
10
01
15.63 to 31.25
Internal PLL lock indicator
Internal 4×
3.3 V
11
01
7.8125 to 15.625
Internal PLL lock indicator
Internal 8×
3.3 V
00
10
31.25 to 62.5
Internal PLL lock indicator
Internal 8×
3.3 V
01
10
15.63 to 31.25
Internal PLL lock indicator
Internal 8×
3.3 V
10
10
7.8125 to 15.625
Internal PLL lock indicator
Internal 8×
3.3 V
11
10
3.9 to 7.8125
Internal PLL lock indicator
Internal 16×
3.3 V
00
11
15.625 to 31.25
Internal PLL lock indicator
Internal 16×
3.3 V
01
11
7.8125 to 15.625
Internal PLL lock indicator
Internal 16×
3.3 V
10
11
3.9062 to 7.8125
Internal PLL lock indicator
Interleaved input data on the DA[15:0] input pins; internal PLL on
Internal 2×
3.3 V
00
00
Not recommended
Internal PLL lock indicator
Internal 2×
3.3 V
01
00
62.5 to 80
Internal PLL lock indicator
Internal 2×
3.3 V
10
00
31.25 to 62.5
Internal PLL lock indicator
Internal 2×
3.3 V
11
00
15.625 to 31.25
Internal PLL lock indicator
Internal 4×
3.3 V
00
01
62.5 to 80
Internal PLL lock indicator
Internal 4×
3.3 V
01
01
31.25 to 62.5
Internal PLL lock indicator
Internal 4×
3.3 V
10
01
15.625 to 31.25
Internal PLL lock indicator
Internal 4×
3.3 V
11
01
7.8125 to 15.625
Internal PLL lock indicator
Internal 8×
3.3 V
00
10
31.25 to 62.5
Internal PLL lock indicator
Internal 8×
3.3 V
01
10
15.625 to 31.25
Internal PLL lock indicator
Internal 8×
3.3 V
10
10
7.8125 to 15.625
Internal PLL lock indicator
Internal 8×
3.3 V
11
10
3.9062 to 7.8125
Internal PLL lock indicator
Internal 16×
3.3 V
00
11
15.625 to 31.25
Internal PLL lock indicator
Internal 16×
3.3 V
01
11
7.8125 to 15.625
Internal PLL lock indicator
Internal 16×
3.3 V
10
11
3.9062 to 7.8125
Internal PLL lock indicator
Internal 16×
3.3 V
11
11
1.9531 to 3.9062
Internal PLL lock indicator
In interpolating DACs, imperfect isolation between the digital and DAC clock circuits generates spurious signals
at frequencies related to the DAC clock rate. The digital interpolation filters in these DACs run at sub-harmonic
frequencies of the output rate clock, where these frequencies are fDAC/2
N, N = 1–4. For example, for 2×
interpolation there is only one interpolation filter running at fDAC/2; for 4× interpolation, on the other hand, there
are two interpolation filters running at fDAC/2 and fDAC/4. These lower-speed clocks for the interpolation filter mix
with the DAC clock circuit and create spurious images of the wanted signal and second Nyquist-zone image at
offsets of fDAC/2
N.
The location of these spurious signals is determined by whether the DAC5686 output is used as a complex
signal to be feed to an analog quadrature modulator or as a real IF signal. Figure 28(a) shows the location of the
largest spurious signals for fDAC = 500 MSPS and 4× interpolation for a complex output signal. At the output of
the analog quadrature modulator, the spurious signals with negative frequencies appear on the opposite
sideband from the wanted signal. The closest spurious signal results from the wanted signal mixing with the
fDAC/4 interpolation-filter clock, which in this example is 125 MHz from the wanted signal for all IF frequencies.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com