Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC7760IPWPRG4
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7760IPWPRG4 Datasheet HTML 17Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 18Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 19Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 20Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 21Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 22Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 23Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 24Page - Texas Instruments DAC7760IPWPRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
Frequency (Hz)
+5 V range
“10 V range
+10 V Range/ “5 V range
C001
AVDD = +18 V
AVSS = -18 V
Output unloaded
Figure 7-45. AVDD PSRR for VOUT
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 24 mA Internal RSET
0 mA - 24 mA Internal RSET, BOOST
0 mA - 24 mA External RSET
0 mA - 24 mA External RSET, BOOST
C009
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
Figure 7-46. IOUT TUE vs Code (0 mA to 24 mA)
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 20 mA Internal RSET
0 mA - 20 mA Internal RSET, BOOST
0 mA - 20 mA External RSET
0 mA - 20 mA External RSET, BOOST
C006
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
Figure 7-47. IOUT TUE vs Code (0 mA to 20 mA)
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
4 mA - 20 mA Internal RSET
4 mA - 20 mA Internal RSET, BOOST
4 mA - 20 mA External RSET
4 mA - 20 mA External RSET, BOOST
C003
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
Figure 7-48. IOUT TUE vs Code (4 mA to 20 mA)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA
0 mA to 24 mA
4 mA to 20 mA
C008
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
Figure 7-49. IOUT TUE vs Temperature (Internal RSET)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA
0 mA to 24 mA
4 mA to 20 mA
C009
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
Figure 7-50. IOUT TUE vs Temperature (External RSET)
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com