Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDGST Datasheet(PDF) 31 Page - Texas Instruments

Part # DAC8563SDGST
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 27Page - Texas Instruments DAC8563SDGST Datasheet HTML 28Page - Texas Instruments DAC8563SDGST Datasheet HTML 29Page - Texas Instruments DAC8563SDGST Datasheet HTML 30Page - Texas Instruments DAC8563SDGST Datasheet HTML 31Page - Texas Instruments DAC8563SDGST Datasheet HTML 32Page - Texas Instruments DAC8563SDGST Datasheet HTML 33Page - Texas Instruments DAC8563SDGST Datasheet HTML 34Page - Texas Instruments DAC8563SDGST Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
0.70
0.00
AV
(
DD V)
5.50
2.20
2.70
Specified Supply
Voltage Range
No Power-On Reset
Power-On Reset
Undefined
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
Table 4. DACxx62 and DACxx63 Power-On Reset Values
REGISTER
DEFAULT SETTING
DACxx62
Zero-scale
DAC and input registers
DACxx63
Mid-scale
LDAC registers
LDAC pin enabled for both channels
Power-down registers
DACs powered up
Internal reference register
Internal reference disabled
Gain registers
Gain = 1 for both channels
8.3.3.3 Power-On Reset (POR) Levels
When the device powers up, a POR circuit sets the device in default mode as shown in Table 4. The POR circuit
requires specific AVDD levels, as indicated in Figure 91, to ensure discharging of internal capacitors and to reset
the device on power up. In order to ensure a power-on reset, AVDD must be below 0.7 V for at least 1 ms. When
AVDD drops below 2.2 V but remains above 0.7 V (shown as the undefined region), the device may or may not
reset under all specified temperature and power-supply conditions. In this case, TI recommends a power-on
reset. When AVDD remains above 2.2 V, a power-on reset does not occur.
Figure 91. Relevant Voltage Levels for POR Circuit
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com