Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDSCT.A Datasheet(PDF) 45 Page - Texas Instruments

Part # DAC8563SDSCT.A
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563SDSCT.A Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC8563SDSCT.A Datasheet HTML 41Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 42Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 43Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 44Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 45Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 46Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 47Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 48Page - Texas Instruments DAC8563SDSCT.A Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
FSx0
CLKx0
Dx0
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
OMAP-L138
TMS320F28062
MFSxA
MCLKxA
MDxA
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
P1.4/GPIO
P1.5/SCLK
P1.6/SDO
MSP430F2013
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
9.3 System Examples
9.3.1 MSP430 Microprocessor Interfacing
Figure 100 shows a serial interface between the DAC756x, DAC816x, or DAC856x device and a typical MSP430
USI port such as the one found on the MSP430F2013. The port is configured in SPI master mode by setting bits
3, 5, 6, and 7 in USICTL0. The USI counter interrupt is set in USICTL1 to provide an efficient means of SPI
communication with minimal software overhead. The serial clock polarity, source, and speed are controlled by
settings in the USI clock control register (USICKCTL). The SYNC signal is derived from a bit-programmable pin
on port 1; in this case, port line P1.4 is used. When data are to be transmitted to the DAC756x, DAC816x, or
DAC856x device, P1.4 is taken low. The USI transmits data in 8-bit bytes; thus, only eight falling clock edges
occur in the transmit cycle. To load data to the DAC, P1.4 is left low after the first eight bits are transmitted; then,
a second write cycle is initiated to transmit the second byte of data. P1.4 is taken high following the completion of
the third write cycle.
Figure 100. DAC756x, DAC816x, or DAC856x Device to MSP430 Interface
9.3.2 TMS320 McBSP Microprocessor Interfacing
Figure 101 shows an interface between the DAC756x, DAC816x, or DAC856x device and any TMS320 series
DSP from Texas Instruments with a multi-channel buffered serial port (McBSP). Serial data are shifted out on the
rising edge of the serial clock and are clocked into the DAC756x, DAC816x, or DAC856x device on the falling
edge of the SCLK signal.
Figure 101. DAC756x, DAC816x, or DAC856x Device to TMS320 McBSP Interface
9.3.3 OMAP-L1x Processor Interfacing
Figure 102 shows a serial interface between the DAC756x, DAC816x, or DAC856x device and the OMAP-L138
processor. The transmit clock CLKx0 of the L138 drives SCLK of the DAC756x, DAC816x, or DAC856x device,
and the data transmit (Dx0) output drives the serial data line of the DAC. The SYNC signal is derived from the
frame sync transmit (FSx0) line, similar to the TMS320 interface.
Figure 102. DAC756x, DAC816x, or DAC856x Device to OMAP-L1x Processor
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com