Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9678P Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9678P_V01 Datasheet HTML 24Page - STMicroelectronics L9678P_V01 Datasheet HTML 25Page - STMicroelectronics L9678P_V01 Datasheet HTML 26Page - STMicroelectronics L9678P_V01 Datasheet HTML 27Page - STMicroelectronics L9678P_V01 Datasheet HTML 28Page - STMicroelectronics L9678P_V01 Datasheet HTML 29Page - STMicroelectronics L9678P_V01 Datasheet HTML 30Page - STMicroelectronics L9678P_V01 Datasheet HTML 31Page - STMicroelectronics L9678P_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 215 page
background image
Start-up power control
L9678P, L9678P-S
28/216
DS11626 Rev 9
Figure 8. Normal power down sequence - VIN controlled
4.2.6
Operating states
Different states can be identified while operating the device. These states allow safe and
predictable initialization, test, operation and end of line disposal of the part (scrapping).
As soon as the RESET signal is de-asserted at the beginning of the ACTIVE mode, the
microcontroller powers up. At this stage, L9678P is in the Init state: during this state the
device must be initialized by the controller. In particular, the watchdog timer window can be
programmed during this state.
When the watchdog service begins (upon the first successful watchdog feed), the device
switches to Diag state for diagnostics purposes. The remaining configuration of the device is
allowed in this state, in particular for safing records and deployment masks. Several tests
are also enabled while in this state and all these tests are mutually exclusive to one another.
HS and LS switch tests of the squib/pyroswitch drivers can only be processed during this
diag state. Also high side safing FET can only be run during this state. When not in diag
VINT, CVDD
POR
VDD5
VDD3V3
VDD3V3 UV
RESET
VBAT=WAKEUP
VIN
VINGOOD
ER Switch enable
COVRACT
VER
VINT/CVDD UV
GAPGPS02866



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com