Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679P Datasheet(PDF) 223 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 223 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 279 page
background image
DS11627 Rev 7
223/279
L9679P
Electrical characteristics
278
18
Electrical characteristics
Every parameter in this chapter is fulfilled down to VINGOOD(max).
No device damage is granted to occur down to VINBAD(min).
GNDA pin is used as ground reference for the voltage measurements performed within the
device, unless otherwise stated.
All tables or parameters declared ‘Design Info’ are not tested during production testing
18.1
Configuration and control
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C.
Table 21. Configuration and control DC specifications
No
Symbol
Parameter
Conditions
Min Typ Max Unit
1
VNOV
Normal Operating
Voltage
Design Info
Depending on power supply
configuration
6
13
18
V
2
VJSV
Jump Start Voltage
Design Info
40°C ≤ Ta ≤ 50°C
18
-
26
V
3
VLDV
Load Dump Voltage
Transient
Design Info
26.5
-
40
V
4
WU_mon
WAKEUP Monitor
threshold
GNDSUBx as ground reference
Vin =5.5 V and 35 V
-
-
1.5
V
5
WU_off
WAKEUP Off threshold
GNDSUBx as ground reference
Vin =5.5 V and 35 V
2
2.5
3
V
6
WU_on
WAKEUP On threshold
GNDSUBx as ground reference
4
4.5
5
V
7
WURPD
WAKEUP Pull-down
Resistor
GNDSUBx as ground reference
120 300 480
kΩ
8
VBGOOD0
VBATMON Thresholds
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5.5 5.75
6
V
9
VBBAD0
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5
5.25 5.5
V
10 VBGOOD1
SYS_CTL(VBATMON_TH_SEL)=01 6.45 6.7 6.95
V
11 VBBAD1
SYS_CTL(VBATMON_TH_SEL)=01 5.95 6.2 6.45
V
12 VBGOOD2
SYS_CTL(VBATMON_TH_SEL)=10 7.5 7.75
8
V
13 VBBAD2
SYS_CTL(VBATMON_TH_SEL)=10
7
7.25 7.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com