Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9679P Datasheet(PDF) 226 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 226 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics L9679P Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 279 page
background image
Electrical characteristics
L9679P
226/279
DS11627 Rev 7
Table 22. Configuration and control AC specifications
No
Symbol
Parameter
Conditions
Min Typ Max Unit
1
TFLT_VBATMONTH
VBATMON thresholds
deglitch filter time
-
26
30
34
µs
2
TFLT_VINGOOD_UP
VIN Good thresholds
deglitch filter time
rising edge
-
3
3.5
4
µs
3
TFLT_VINGOOD_DO
WN_L
VIN Good thresholds
deglitch filter time
falling edge
SYS_CFG(VINGOOD_FILT_SEL) = 0
-
1
-
µs
4
TFLT_VINGOOD_DO
WN_H
VIN Good thresholds
deglitch filter time
falling edge
SYS_CFG(VINGOOD_FILT_SEL) = 1
3
3.5
4
µs
6 TFLT_VINBAD_DOWN
VIN Bad thresholds
deglitch filter time
falling edge
-
3
3.5
4
µs
7
TFLT_VINBAD_UP
VIN Bad thresholds
deglitch filter time
rising edge
-
26
30
34
µs
8
TVINGOOD_BLK
VIN Good Thresholds
blanking time
-
26
30
34
µs
9 TFLT_VINSYNCDIS_D
OWN
VIN SyncBoost
Disable
deglitch filter time
falling edge
-
3.3
-
4.2
µs
10
TFLT_ VINSYNCDIS
_UP
VIN SyncBoost
Disable
deglitch filter time
rising edge
-
9.5
-
11
µs
11
TFLT_WAKEUP
Wakeup deglitch filter
time
-
0.95 1.05 1.15 ms
12
TLATCH_WAKEUP Wakeup latch time
-
9.7 10.8 11.9 ms
13
TPWRUP
Power-up Delay Time
–
Wake-up to RESET
released
-
-
-
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com