Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 123 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 119Page - STMicroelectronics L9945_V01 Datasheet HTML 120Page - STMicroelectronics L9945_V01 Datasheet HTML 121Page - STMicroelectronics L9945_V01 Datasheet HTML 122Page - STMicroelectronics L9945_V01 Datasheet HTML 123Page - STMicroelectronics L9945_V01 Datasheet HTML 124Page - STMicroelectronics L9945_V01 Datasheet HTML 125Page - STMicroelectronics L9945_V01 Datasheet HTML 126Page - STMicroelectronics L9945_V01 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
The battery compensation feature can be activated independently on each channel by programming the
OC_Batt_comp_xx bit. Two different BCF have been implemented for Passenger Vehicle (PV) and Commercial
Vehicle (CV) applications. The BCF can be selected by programming the Batt_fact_config bit (refer to
Figure 33).
Figure 33. BCF vs.VPS
GADG2212171251PS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48
VPS [V]
BCF (CV)
BCF (PV)
Note:
Because the algorithm is based on the assumption made for Eq. (6), the battery compensation feature is
recommended only in case of resistive load. Usage either in case of different load types or in case of small
resistive loads may lead to performances worse than the uncompensated strategy.
6.3.8
Reading the compensated OC threshold
In general, the overcurrent threshold can be evaluated as follows:
Eq. (9): Overcurrent threshold compensation formula
VOCcomp=BCF×TCF×VOC
(9)
Where VOC is the value programmed in the OC_config_xx bit, BCF is the battery compensation factor and TCF
is the temperature compensation factor. When a compensation feature is disabled, its compensation factor is set
to 1 (no effect on VOC).
Note:
It is recommended to enable battery and temperature compensation simultaneously only in case of resistive load
with DSM. Different usage may lead to performances worse than the uncompensated strategy.
When configuring the device, the OC_read_xx can be used to select whether reading the programmed threshold
VOC or the compensated one VOCcomp.
6.3.9
OC detection schematics
Figure 34 shows the OC detection implementation in case of LS configuration. It can also be applied to the HS
scenario with NFET (see description). In case DSM is selected RSH must not be mounted and the pins SNGPx
and PGNDxx must be shorted.
Figure 35 shows the OC detection implementation in case of HS configuration with PMOS. In case DSM is
selected RSH must not be mounted and the pins GNSPx and BATTxx must be shorted.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 123/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com