Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 124 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 120Page - STMicroelectronics L9945_V01 Datasheet HTML 121Page - STMicroelectronics L9945_V01 Datasheet HTML 122Page - STMicroelectronics L9945_V01 Datasheet HTML 123Page - STMicroelectronics L9945_V01 Datasheet HTML 124Page - STMicroelectronics L9945_V01 Datasheet HTML 125Page - STMicroelectronics L9945_V01 Datasheet HTML 126Page - STMicroelectronics L9945_V01 Datasheet HTML 127Page - STMicroelectronics L9945_V01 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
Figure 34. OC detection through DSM or shunt measurement in Low side configuration
GADG1003171213PS
BATT34
LS NMOS
DRN3
VBATT
GNSP3
SNGP3
RG
RPD
CM
RM
TjFET
RSH
PGND34
VOC
OC
VPS
ADC
BCF
1
1
0
OC_Batt_comp_xx
ΔT = TjFET - Tj
Batt_fact
_config
1
0
OC_DS_Shunt_xx
Tj ADC
TCF
0
1
OC_Tem
p_comp
1
00
Others
OC_config_xx
VSENSE
BOARD
DAC
Note:
VOC compensation against temperature and battery variations is shown in Figure 34. In case of high side
configuration with NMOS, RSH and the LOAD must be swapped, and the OC_DS_Shunt_xx signal is negated.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 124/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com