Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9945 Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 124Page - STMicroelectronics L9945_V01 Datasheet HTML 125Page - STMicroelectronics L9945_V01 Datasheet HTML 126Page - STMicroelectronics L9945_V01 Datasheet HTML 127Page - STMicroelectronics L9945_V01 Datasheet HTML 128Page - STMicroelectronics L9945_V01 Datasheet HTML 129Page - STMicroelectronics L9945_V01 Datasheet HTML 130Page - STMicroelectronics L9945_V01 Datasheet HTML 131Page - STMicroelectronics L9945_V01 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 144 page
background image
Table 46. Open Load output voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOUT_OL
Vout node voltage in case of open load
2.25
2.5
2.75
V
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
Regulator current capability IDIAG can be programmed via diag_i_config_xx bit as follows:
Table 47. Vout regulator current capability IDIAG
diag_i_config_xx
Min.
Max.
Unit
0
60
100
µA
1
0.6
1
mA
A higher current capability allows compensating the leakage of external devices (FET, recirculation diodes, etc.)
The current limitation feature allows distinguishing between OL and STB/STG faults:
•
In case of open load, the regulator is able to drive Vout around VOUT_OL and the OL fault is flagged;
•
In case of STB/STG fault, due to the limited current capability, the regulator has no effect on Vout.
Therefore, output node voltage stays below VLVT (STG on LS) or above VOL (STB on HS).
Refer to Figure 37 and Figure 39 for OL regulator operation in HS configuration.
Refer to Figure 38 and Figure 39 for OL regulator operation in LS configuration.
6.4.4
Fast charge/discharge currents
To reliably detect a fault, the Vout voltage must be stable before the settling time tDIAG expires.
In case of STB/STG faults, high current capability of battery and ground supplies guarantee fast Vout settling.
In case of open load, Vout must be brought in the [VLVT; VOL] range before tDIAG expires to guarantee fault
detection. The device implements internal fast charge/discharge currents to allow settling of Vout in a time suitable
for detection:
•
When the HS transistor is switched OFF, a fast discharge current IFAST_DIS rapidly decreases Vout down to
VOL to help the OL regulator detect an eventual open load fault (see Figure 37 and Figure 39). IFAST_DIS is
enabled in the case:
–
The HS channel has been just switched OFF;
–
The settling time tDIAG is still running;
–
Vout is above VOL.
•
When LS transistor is switched OFF, a fast charge current IFAST_CHG rapidly increases Vout up to VLVT to
help the OL regulator detect an eventual open load fault (see Figure 38 and Figure 39). IFAST_CHG is
enabled in the case:
–
The LS channel has been just switched OFF;
–
The settling time tDIAG is still running;
–
Vout is below VLVT.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 128/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com