Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E025AJ-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN5E025AJ-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025AJ-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN5E025AJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 13Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 14Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 15Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 16Page - STMicroelectronics VN5E025AJ-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VN5E025AJ-E
Electrical specifications
Doc ID 13106 Rev 5
13/37
Figure 4.
Current sense delay characteristics
Figure 5.
Openload Off-state delay timing
Figure 6.
Switching characteristics
SENSE CURRENT
INPUT
LOAD CURRENT
CS_DIS
tDSENSE2H
tDSENSE2L
tDSENSE1L
tDSENSE1H
VIN
VCS
tDSTKON
OUTPUT STUCK TO VCC
VOUT > VOL
VSENSEH
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%
tWon
tWoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com