Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN750S Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN750S
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN750S Datasheet HTML 6Page - STMicroelectronics VN750S Datasheet HTML 7Page - STMicroelectronics VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics VN750S Datasheet HTML 10Page - STMicroelectronics VN750S Datasheet HTML 11Page - STMicroelectronics VN750S Datasheet HTML 12Page - STMicroelectronics VN750S Datasheet HTML 13Page - STMicroelectronics VN750S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Electrical specifications
VN750
10/46
Doc ID 6942 Rev. 4
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC <36V; -40°C < Tj <150°C, unless
otherwise stated.
Table 5.
Power
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
Operating supply voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
VOV
Overvoltage shutdown
36
V
RON
On state resistance
IOUT =2 A; Tj =25°C; VCC >8 V
60
m
Ω
IOUT =2 A; VCC > 8 V
120
m
Ω
IS
Supply current
Off-state; VCC =13 V;
VIN =VOUT =0 V
10
25
µA
Off-state; VCC =13 V;
VIN =VOUT =0 V; Tj = 25°C
10
20
µA
On-state; VCC =13 V; VIN =5 V;
IOUT =0 A
23.5
mA
IL(off1)
Off-state output current
VIN =VOUT = 0 V
0
50
µA
IL(off2)
Off-state output current
VIN =0 V; VOUT =3.5 V
-75
0
µA
IL(off3)
Off-state output current
VIN =VOUT =0 V; VCC =13V;
Tj = 125°C
5µA
IL(off4)
Off-state output current
VIN =VOUT =0 V; VCC =13V;
Tj =25°C
3µA
Table 6.
Switching (VCC =13 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL =6.5 Ω from VIN rising edge to
VOUT = 1.3V
40
µs
td(off)
Turn-off delay time
RL = 6.5 Ω from VIN falling edge to
VOUT = 11.7 V
30
µs
dVOUT/dt(on) Turn-on voltage slope
RL = 6.5 Ω from VOUT = 1.3 V to
VOUT=10.4 V
See Figure 21
V/µs
dVOUT/dt(off) Turn-off voltage slope
RL = 6.5 Ω from VOUT = 11.7 V to
VOUT=1.3 V
See Figure 22
V/µs
Table 7.
Input pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level
1.25
V
IIL
Low level input current
VIN = 1.25 V
1
µA
VIH
Input high level
3.25
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com