Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN920DSP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN920DSP
Description  HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN920DSP_V01 Datasheet HTML 9Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 10Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 11Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 12Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 13Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 14Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 15Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 16Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
VN920DSP
Figure 24. Maximum turn off current versus load inductance
A = Single Pulse at TJstart=150ºC
B= Repetitive pulse at TJstart=100ºC
C= Repetitive Pulse at TJstart=125ºC
Conditions:
VCC=13.5V
Values are generated with RL=0Ω
In case of repetitive pulses, Tjstart (at beginning of
each demagnetization) of every pulse must not
exceed the temperature specified above for
curves B and C.
1
10
100
0.1
1
10
100
L(m H )
ILMAX (A)
A
B
C
VIN, IL
t
Demagnetization
Demagnetization
Demagnetization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com