Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EX4100-24MP Datasheet(PDF) 7 Page - Juniper Networks, Inc.

Part # EX4100-24MP
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-24MP Datasheet(HTML) 7 Page - Juniper Networks, Inc.

Back Button EX4100-24MP Datasheet HTML 3Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 4Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 5Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 6Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-24MP Datasheet HTML 11Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Junos Operating System
The EX4100 switches run Junos OS, Juniper’s powerful and robust
network operating system that powers all Juniper switches, routers,
and firewalls. By utilizing a common operating system, Juniper
delivers a consistent implementation and operation of control plane
features across all products. To maintain that consistency, Junos OS
adheres to a highly disciplined development process that uses a
single source code and employs a highly available modular
architecture to prevent isolated failures from bringing down an
entire system.
These attributes are fundamental to the core value of the software,
enabling all Junos OS-powered products to be updated
simultaneously with the same software release. All features are fully
regression tested, making each new release a true superset of the
previous version. Customers can deploy the software with
complete confidence that all existing capabilities are maintained and
operate in the same way.
Flex Licensing
Juniper Flex licensing offers a common, simple, and flexible
licensing model for EX Series access switches, enabling customers
to purchase features based on their network and business needs.
Flex licensing is offered in Standard, Advanced, and Premium tiers.
Standard tier features are available with the Junos OS image that
ships with EX Series switches. Additional features can be unlocked
with the purchase of a Flex Advanced or Flex Premium license.
The Flex Advanced and Flex Premium licenses for the EX Series
platforms are class-based, determined by the number of access
ports on the switch. Class 1 (C1) switches have 12 ports, Class 2
(C2) switches have 24 ports, and Class 3 (C3) switches have 32 or
48 ports.
The EX4100 switches support both subscription and perpetual Flex
licenses. Subscription licenses are offered for three- and five-year
terms. In addition to Junos OS features, the Flex Advanced and Flex
Premium subscription licenses include Juniper Mist Wired
Assurance. Flex Advanced and Flex Premium subscription licenses
also allow portability across the same tier and class of switches,
ensuring investment protection for the customer.
For a complete list of features supported by the Flex Standard,
Advanced, and Premium tiers, or to learn about Junos OS EX Series
licenses, please visit: https://www.juniper.net/
documentation/us/en/software/license/licensing/topics/concept/
flex-licenses-for-ex.html.
Enhanced Limited Lifetime Warranty
The EX4100 includes an enhanced limited lifetime hardware
warranty that provides return-to-factory switch replacement for as
long as the original purchaser owns the product. The warranty
includes lifetime software updates, advanced shipping of spares
within one business day, and 24x7 Juniper Networks Technical
Assistance Center (JTAC) support for 90 days after the purchase
date. Power supplies and fan trays are covered for a period of five
years. For complete details, please visit https://support.juniper.net/
support/pdf/warranty/990240.pdf.
EX4100 Line of Ethernet Switches Datasheet
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com