Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BYW51F-200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BYW51F-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51F-200 Datasheet(HTML) 9 Page - STMicroelectronics

  BYW51F-200 Datasheet HTML 1Page - STMicroelectronics BYW51F-200 Datasheet HTML 2Page - STMicroelectronics BYW51F-200 Datasheet HTML 3Page - STMicroelectronics BYW51F-200 Datasheet HTML 4Page - STMicroelectronics BYW51F-200 Datasheet HTML 5Page - STMicroelectronics BYW51F-200 Datasheet HTML 6Page - STMicroelectronics BYW51F-200 Datasheet HTML 7Page - STMicroelectronics BYW51F-200 Datasheet HTML 8Page - STMicroelectronics BYW51F-200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
9/9
BYW51/F/G/FP/R-200
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
BYW51-200
BYW51-200
TO220AB
2.2 g.
50
Tube
BYW51F-200
BYW51F-200
ISOWATT220AB
2.08 g.
50
Tube
BYW51G-200
BYW51G-200
D
2PAK
1.48 g.
50
Tube
BYW51FP-200
BYW51FP-200
TO-220FPAB
2g
50
Tube
BYW51R-200
BYW51R-200
I
2PAK
1.49 g
50
Tube
s
Recommended torque value (TO-220AB): 0.8 N.m.
s
Maximum torque value (TO-220AB): 1.0 N.m.
s
Recommended torque value (ISOWATT220AB / TO-220FPAB): 0.55 N.m.
s
Maximum torque value (ISOWATT220AB / TO-220FPAB): 0.70 N.m.
s
Epoxy meets UL94,V0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com