Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8841PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8841PWPR
Description  DRV8841 Dual H-Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8841PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8841PWPR Datasheet HTML 4Page - Texas Instruments DRV8841PWPR Datasheet HTML 5Page - Texas Instruments DRV8841PWPR Datasheet HTML 6Page - Texas Instruments DRV8841PWPR Datasheet HTML 7Page - Texas Instruments DRV8841PWPR Datasheet HTML 8Page - Texas Instruments DRV8841PWPR Datasheet HTML 9Page - Texas Instruments DRV8841PWPR Datasheet HTML 10Page - Texas Instruments DRV8841PWPR Datasheet HTML 11Page - Texas Instruments DRV8841PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DRV8841
SLVSAC0F – MAY 2010 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The DRV8841 is an integrated motor driver solution for two brushed DC motors or a bipolar stepper motor. The
device integrates two power NMOS H-bridges, current sense and regulation circuitry, protection devices, and a
digital interface.
A simple PWM interface allows for easy interfacing to an external digital controller and requires minimal
resources. The fault indication pin (nFAULT) provides a flag for when the device has entered a fault state.
The current regulation is highly configurable with three modes of operation. Depending on the applications
requirements the device can be configured for fast, slow, or mixed decay. Two bit current level control allows the
device to switch between four different current levels. A low-power sleep mode is implemented which allows the
system to save power when not driving the motor.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DRV8841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com