Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8844PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8844PWPR
Description  DRV8844 Quad Half-Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8844PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8844PWPR Datasheet HTML 9Page - Texas Instruments DRV8844PWPR Datasheet HTML 10Page - Texas Instruments DRV8844PWPR Datasheet HTML 11Page - Texas Instruments DRV8844PWPR Datasheet HTML 12Page - Texas Instruments DRV8844PWPR Datasheet HTML 13Page - Texas Instruments DRV8844PWPR Datasheet HTML 14Page - Texas Instruments DRV8844PWPR Datasheet HTML 15Page - Texas Instruments DRV8844PWPR Datasheet HTML 16Page - Texas Instruments DRV8844PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
The DRV8844 can be used to drive one stepper motor, multiple brushed DC motors, or multiple other inductive
loads.
The outputs can be connected in parallel to increase the drive current. If connecting the outputs as in a
full-bridge configuration, any two outputs can be connected in parallel. If configured as two independent half
bridges, OUT1 and OUT2 must be paired, and OUT3 and OUT4 must be paired. This pairing is because pin
6 (SRC12) is the source for the low-side FETs of OUT1 and OUT2, and pin 9 (SRC34) is the source for the
low-side FETs of OUT3 and OUT4.
An optional sense resistor can be used to monitor the current. If using sense resistors, place the resistor
between the SRC12 or SRC34 pins and the VNEG pins.
7.2 Typical Application
OUT1
M
OUT2
OUT3
OUT4
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Stepper Motor Connections
www.ti.com
DRV8844
SLVSBA2E – JULY 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com