Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8874PWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # DRV8874PWPR
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV8874PWPR Datasheet HTML 19Page - Texas Instruments DRV8874PWPR Datasheet HTML 20Page - Texas Instruments DRV8874PWPR Datasheet HTML 21Page - Texas Instruments DRV8874PWPR Datasheet HTML 22Page - Texas Instruments DRV8874PWPR Datasheet HTML 23Page - Texas Instruments DRV8874PWPR Datasheet HTML 24Page - Texas Instruments DRV8874PWPR Datasheet HTML 25Page - Texas Instruments DRV8874PWPR Datasheet HTML 26Page - Texas Instruments DRV8874PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
A
A
23
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
•
Bottom layer: signal layer with small copper pad underneath DRV887x and thermally connected through
via stitching from the TOP and internal GND planes. Bottom layer thermal pad is the same size as the
package (5 mm x 4.4 mm). Bottom pad size remains constant as top copper plane is varied. Thermal vias
are only present under the thermal pad (grid pattern with 1.2mm spacing).
Figure 20 shows an example of the simulated board for the HTSSOP package. Table 9 shows the dimensions of
the board that were varied for each simulation.
Figure 20. HTSSOP PCB model top layer
Table 9. Dimension A for 16-pin PWP package
Cu area (mm2)
Dimension A (mm)
2
16.43
4
22.35
8
30.68
16
42.42
8.2.1.2.3.1
Steady-State Thermal Performance
"Steady-state" conditions assume that the motor driver operates with a constant RMS current over a long period
of time. Figure 21, Figure 22, Figure 23, and Figure 24 show how RθJA and ΨJB (junction-to-board
characterization parameter) change depending on copper area, copper thickness, and number of layers of the
PCB for the HTSSOP package. More copper area, more layers, and thicker copper planes decrease RθJA and
ΨJB, which indicate better thermal performance from the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com