Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2AS2T2A2M5RES Datasheet(PDF) 2 Page - Multicomp Pro

Part # 2AS2T2A2M5RES
Description  2A Series Sealed Sub-Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2AS2T2A2M5RES Datasheet(HTML) 2 Page - Multicomp Pro

  2AS2T2A2M5RES Datasheet HTML 1Page - Multicomp Pro 2AS2T2A2M5RES Datasheet HTML 2Page - Multicomp Pro 2AS2T2A2M5RES Datasheet HTML 3Page - Multicomp Pro 2AS2T2A2M5RES Datasheet HTML 4Page - Multicomp Pro 2AS2T2A2M5RES Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
16/02/18
2A Series
Sealed Sub-Miniature Toggle Switches
Pole Options
M2
M2
SPDT
DPDT
P.C. Mounting
P.C. Mounting
2AS6 Models : Omit 2nd terminal
Dimensions : Inches (Millimetres)
Actuator Options
Bushing Options
Actuator shown with A1 Bushing, sub 0.02" (0.5mm) for A3 Bushing.
Plastic Actuator
A1, A3 for SPDT / A2 for DPDT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com