Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTR-F2 Datasheet(PDF) 2 Page - FCL COMPONENTS LIMITED

Part # FTR-F2
Description  POWER RELAY 1 POLE – 5A Relay Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

FTR-F2 Datasheet(HTML) 2 Page - FCL COMPONENTS LIMITED

  FTR-F2 Datasheet HTML 1Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 2Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 3Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 4Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 5Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 6Page - FCL COMPONENTS LIMITED FTR-F2 Datasheet HTML 7Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FTR-F2 Series
2
Item
Standard
FTR-F2AK ( ) T
Sensitive
FTR-F2AL ( ) T
Contact
data
Configuration
1 Form A (SPST-NO)
Construction
Single
Material
Silver tin oxide (AgSnO2)
Resistance (initial)
Max. 100 mΩ at 6 VDC, 1 A
Contact rating
5A, 250VAC / 30VDC
Max. carrying current
5A
Max. inrush current
78A 250VAC
Max. switching voltage
400VAC / 300 VDC
Max. switching power
1,250VA / 150W
Min. switching load*
100 mA, 5 VDC
Life
Mechanical
Min. 2 x 106 operations
Electrical
AC contact rating
Min. 100 x 103 operations
DC contact rating
Min.100 x 103 operations
Lamp load (TV-5)
Min. 25 x 103 operations
Coil
data
Rated power (at 20℃)
530mW
250mW
Operate power (at 20℃)
260mW
160mW
Operating temperature range
-40℃ to +70℃ (no frost)
Timing
data
Operate (at nominal voltage)
Max. 15 ms
Release (at nominal voltage)
Max. 5 ms
Insula-
tion
Resistance (Initial)
Min. 1,000MΩ at 500VDC
Dielectric strength Open contacts
1,000VAC (50/60Hz) 1min
Contacts to coil
4,000VAC (50/60Hz) 1min
Surge strength
Coil to contacts
10,000V / 1.2 x 50μs standard wave
Clearance / creepage
6mm / 6mm
EN61810-1,
VDE0435
Voltage
250V
Pollution degree
2
Material group
III a
Category
8 / 250V
Others
Vibration
resistance
Misoperation
10 to 55Hz double amplitude 1.5mm
Endurance
10 to 55Hz double amplitude 1.5mm
Shock resistance
Misoperation
Min. 200m/s² (11±1ms)
Endurance
Min. 1,000m/s² (6±1ms)
Weight
Approximately 13g
Sealing
Flux proof RTII
SPECIFICATIONS
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load
before production since reference values may vary according to switching frequencies, environmental conditions and
expected reliability levels.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com