Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4925 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4925
Description  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4925 Datasheet HTML 5Page - STMicroelectronics L4925 Datasheet HTML 6Page - STMicroelectronics L4925 Datasheet HTML 7Page - STMicroelectronics L4925 Datasheet HTML 8Page - STMicroelectronics L4925 Datasheet HTML 9Page - STMicroelectronics L4925 Datasheet HTML 10Page - STMicroelectronics L4925 Datasheet HTML 11Page - STMicroelectronics L4925 Datasheet HTML 12Page - STMicroelectronics L4925 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L4925
Functional description
Doc ID 1770 Rev 8
9/14
Figure 4.
Output voltage vs input voltage
Figure 5.
Quiescent current vs supply voltage
3.2
Reset circuit
The block circuit diagram of the reset circuit is shown in Figure 6. The reset circuit
supervises the output voltage. The reset threshold of 4.5 V is defined with the internal
reference voltage and standby output divider. The reset pulse delay time tRD, is defined with
the charge time of an external capacitor CT:
The reaction time of the reset circuit originates from the discharge time limitation of the reset
capacitor CT and it is proportional to the value of CT. The reaction time of the reset circuit
increases the noise immunity. Standby output voltage drops below the reset threshold only a
bit longer than the reaction time results in a shorter reset delay time.
The nominal reset delay time is generated for standby output voltage drops longer than
approximately 50 ms. The typical reset output waveforms are shown in Figure 7.
t
RD
C
T 2V
2
A
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com