Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RJ Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4995RJ
Description  Automotive 5V, 500mA low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RJ Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4995RJ Datasheet HTML 8Page - STMicroelectronics L4995RJ Datasheet HTML 9Page - STMicroelectronics L4995RJ Datasheet HTML 10Page - STMicroelectronics L4995RJ Datasheet HTML 11Page - STMicroelectronics L4995RJ Datasheet HTML 12Page - STMicroelectronics L4995RJ Datasheet HTML 13Page - STMicroelectronics L4995RJ Datasheet HTML 14Page - STMicroelectronics L4995RJ Datasheet HTML 15Page - STMicroelectronics L4995RJ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
DS5053 Rev 15
13/37
L4995
Electrical specifications
36
2.4
Electrical characteristics curves
Figure 5. Output voltage vs Tj
Figure 6. Output voltage vs VS
Figure 7. Drop voltage vs output current
Figure 8. Current consumption vs
output current
Figure 9. Current consumption vs input voltage
Figure 10. Current limitation vs Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com