Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5963 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L5963_V01 Datasheet HTML 29Page - STMicroelectronics L5963_V01 Datasheet HTML 30Page - STMicroelectronics L5963_V01 Datasheet HTML 31Page - STMicroelectronics L5963_V01 Datasheet HTML 32Page - STMicroelectronics L5963_V01 Datasheet HTML 33Page - STMicroelectronics L5963_V01 Datasheet HTML 34Page - STMicroelectronics L5963_V01 Datasheet HTML 35Page - STMicroelectronics L5963_V01 Datasheet HTML 36Page - STMicroelectronics L5963_V01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
DocID028553 Rev 3
33/49
L5963
Application information
48
Equation 12
The figure below shows the asymptotic Bode gain plot for the TYPE III compensated system
and the gain and phase equations for the compensated system
Figure 15. TYPE III compensated network diagram
Here an example of calculating the external components network step by step.
Suppose the requirements for a dc-dc regulator are the following:
Input voltage minimum Vin(min)
8 V
Input voltage maximum Vin(max)
26 V
Input voltage typical Vin(typ)
14 V
Output voltage buck regulator 1- VBUCK 1
Min = 4.75 V, Max = 5.25 V
Converter switching frequency, fsw
250 kHz
Maximum output current on buck regulator 1-VBUCK 1
3 A
Maximum ripple current IRipple
0.3* Iout
Load transition requirement
500 mA ↔ 1.5 A in Δt = TBD
Assume TYPE III Compensation network.
STEP 1 - Calculate the inductor value
Using Equation 13, to find the inductor value, assume inductor ripple current of 0.9 A.
Equation 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com