Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300TD80T Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9300TD80T
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300TD80T Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9300TD80T Datasheet HTML 60Page - STMicroelectronics L9300TD80T Datasheet HTML 61Page - STMicroelectronics L9300TD80T Datasheet HTML 62Page - STMicroelectronics L9300TD80T Datasheet HTML 63Page - STMicroelectronics L9300TD80T Datasheet HTML 64Page - STMicroelectronics L9300TD80T Datasheet HTML 65Page - STMicroelectronics L9300TD80T Datasheet HTML 66Page - STMicroelectronics L9300TD80T Datasheet HTML 67Page - STMicroelectronics L9300TD80T Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 178 page
background image
10.1.3
Solenoid driver error handling
Table 38. Solenoid driver error handling
Type of error
Detection
condition
Action
Clear
SPI flag
Restart condition
HS Overcurrent
Solenoid in PWM
mode or full on
mode, HS on
HW mode: Solenoid channel set in tristate, current set-
point set to 0. HS over current bit (2) set in
Exceptions register. SW mode: same as HW mode if
OVC_R bit is set to 0, otherwise only the fault is
latched and the channel is kept enabled and
reactivated at next PWM edge
On read
Clear the fault via SPI and set
DRVENAx bit in
SolEnDRVregister
LS Overcurrent
Solenoid in PWM
mode or full on
mode, HS on
HW mode: Solenoid channel set in tristate, current set-
point set to 0. LS over current bit (1) set in
Exceptions register. SW mode: same as HW mode if
OVC_R bit is set to 0, otherwise only the fault is
latched and the channel is kept enabled and
reactivated at next PWM edge
On read
Clear the fault via SPI and set
DRVENAx bit in
SolEnDRVregister
Overvoltage, clamp
activation
On state
Driver set to tristate mode, LS_CLAMP_ACT SPI fault
(3) latched in Exceptions register
On read
Clear the fault via SPI and set
DRVENAx bit in
SolEnDRVregister
Short to ground
(LVT)
Solenoid in tristate
mode, diagnostic
enabled
Short Detection fault bit (5) latched in Exceptions
register
On read N. D.
Open load (OPL)
Solenoid in tristate
mode, diagnostic
enabled
Open Load fault bit (6) latched in Exceptions register
On read N. D.
Overtemperature
Warning
On state
T_WARN SPI fault (15) latched in Exceptions register
On read N. D.
Overtemperature
Shutdown
On state
Solenoid channel set in tristate, current set-point
set to 0. T_SD SPI fault (0) latched in Exceptions
register
On read
Clear the fault via SPI and set
DRVENAx bit in
SolEnDRVregister
10.2
Fail-safe pre-driver
10.2.1
Fail-safe pre-driver functional description
For safety purpose the solenoid loads may be connected to battery line through an external fail-safe switch driven
by the device: in case of fault the device should be able to switch-off external fail-safe switch to avoid unwanted
energization of solenoid loads.
The turning ON and OFF command has to be delivered through SPI communication.
L9300
Valve drivers
DS12258 - Rev 5
page 64/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com