Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9301 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 3Page - STMicroelectronics L9301 Datasheet HTML 4Page - STMicroelectronics L9301 Datasheet HTML 5Page - STMicroelectronics L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DS11400 Rev 9
7/54
L9301
Pin description
53
2
Pin description
Figure 2. Pin connection diagram
Table 2. Pin description
Pin
Symbol
Function
1
GND
Power ground of OUT1,2,5,6
2
OUT5
Output 5
3
OUT6
Output 6
4
EN
Enable
5
RES
Reset input (active low)
6
MOSI
SPI data in
7
SCK
SPI serial clock input
8
MISO
SPI data out
9
VDD_I/O
Microcontroller logic interface voltage
10
CS
SPI chip select (active low)
11
VB
Battery supply voltage
12
CP
Charge pump
13
SRC3
Source pin of configurable driver #3
14
DRN3
Drain pin of configurable driver #3
PSSO36
SCK
MISO
VDD_I/O
CS
MOSI
VB
CP
SRC3
DRN3
DRN4
SRC4
GND
OUT5
OUT6
EN
RES
1
OUT3
OUT4
VDD5
IN1
IN2
IN3
SRC2
IN4
IN5
IN6
IN7
IN8
OUT7
OUT1
OUT2
SRC1
DRN1
DRN2
36
OUT8
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
GAPG2808151125PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com