Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9333 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Datasheet(HTML) 1 Page - STMicroelectronics

  L9333 Datasheet HTML 1Page - STMicroelectronics L9333 Datasheet HTML 2Page - STMicroelectronics L9333 Datasheet HTML 3Page - STMicroelectronics L9333 Datasheet HTML 4Page - STMicroelectronics L9333 Datasheet HTML 5Page - STMicroelectronics L9333 Datasheet HTML 6Page - STMicroelectronics L9333 Datasheet HTML 7Page - STMicroelectronics L9333 Datasheet HTML 8Page - STMicroelectronics L9333 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L9333
September 2013
■ WIDE OPERATING SUPPLY VOLTAGE
RANGE FROM 4.5V UP TO 32V FOR
TRANSIENT 45V
■ VERY LOW STANDBY QUIESCENT
CURRENT TYPICALLY < 2µA
■ INPUT TO OUTPUT SIGNAL TRANSFER
FUNCTION PROGRAMMABLE
■ HIGH SIGNAL RANGE FROM -14V UP TO 45V
FOR ALL INPUTS
■ 3.3V CMOS COMPATIBLE INPUTS
■ DEFINED OUTPUT OFF STATE FOR OPEN
INPUTS
■ FOUR OPEN DRAIN DMOS OUTPUTS, WITH
RDSon = 1.5 FOR VS > 6V AT 25°C
■ OUTPUT CURRENT LIMITATION
■ CONTROLLED OUTPUT SLOPE FOR LOW EMI
■ OVERTEMPERATURE PROTECTION FOR
EACH CHANNEL
■ INTEGRATED OUTPUT CLAMPING FOR FAST
INDUCTIVE RECIRCULATION VFB > 45V
■ STATUS MONITORING FOR
- OVERTEMPERATURE
- DISCONNECTED GROUND OR SUPPLY
VOLTAGE
DESCRIPTION
The L9333 is a monolithic integrated quad low side
driver. It is intended to drive lines, lamps or relais in
automotive or industrial applications.
SO20 (12+4+4)
DIE
ORDERING NUMBERS:
L9333MD
(SO20 12+4+4)
L9333DIE1
(DIE)
QUAD LOW SIDE DRIVER
BLOCK DIAGRAM
THERMAL
SHUT-DOWN
DIAGNOSTIC
LOGIC
CHANNEL1
CHANNEL4
REFERENCE
Vlogic
Vint
VS
GND
IN 4
EN
VS
GND
OUT 4
OUT 1
DIAG
4
PRG
=
&
IN 1
RIN
VS
PRG
RIN
REN
D98AT379
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9333 STMICROELECTRONICS-L9333 Datasheet
349Kb / 13P
QUAD LOW SIDE DRIVER
Rev 2
L9333DIE1 STMICROELECTRONICS-L9333DIE1 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9333MD STMICROELECTRONICS-L9333MD Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9333MD STMICROELECTRONICS-L9333MD Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
More results

Similar Description - L9333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com