Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9352B Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9352B
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B Datasheet(HTML) 5 Page - STMicroelectronics

  L9352B_V01 Datasheet HTML 1Page - STMicroelectronics L9352B_V01 Datasheet HTML 2Page - STMicroelectronics L9352B_V01 Datasheet HTML 3Page - STMicroelectronics L9352B_V01 Datasheet HTML 4Page - STMicroelectronics L9352B_V01 Datasheet HTML 5Page - STMicroelectronics L9352B_V01 Datasheet HTML 6Page - STMicroelectronics L9352B_V01 Datasheet HTML 7Page - STMicroelectronics L9352B_V01 Datasheet HTML 8Page - STMicroelectronics L9352B_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
L9352B
Block diagram
5/27
1
Block diagram
Figure 1.
Block diagram
99AT0059
LOGIC
Overload
Open Load
GND-det.
Overtemperature
Channel 1
Overtemperature
Channel 4
LOGIC
&
DA
Overload
Open Load
GND-det.
IPD
IPD
LOGIC
Overload
Open Load
GND-det.
Overtemperature
Channel 2
Overtemperature
Channel 3
LOGIC
&
DA
Overload
Open Load
GND-det.
IPD
IPD
drift-det.
VS
VCC
VDD
Q1
D4
Q4
Q2
D3
Q3
GND
TEST
ST3
IN3
ST2
IN2
ST4
IN4
ST1
IN1
CLK
EN
Internal Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com