Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9651 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9651
Description  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 Datasheet(HTML) 3 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
L9651
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
ELECTRICAL CHARACTERISTCS (6.5V < VBAT < 25V, -40 < TJ < 150°C)
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
-55 to 150
oC
TJ
Operating Junction Temperature
-40 to 150
oC
VBAT
DC Supply Voltage
-2 to 30
V
VBATtr
Transient Supply Voltage; t < 400ms
40
V
VOUT
Output Voltage
65
V
VOUTtr
Transient Output Voltage; during clamping
78
V
ECL
Output Clamping energy; repetition rate < 100 Hz
10
mJ
-IOUT
Output reverse current
2
A
VR,VINi,VDI,
VCLVSY
Control Input voltage
-0.3 to 6.5
V
VDO
Control Output voltage
-0.3 to 6.5
V
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to Case
2.5
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VBATU
Turn on threshold voltage
2.0
4.7
V
IBAT
Supply current
VBAT = 14V
VOUTi > 0V
4
10
15
mA
Output stage
RDSON
On resistance
VBAT = 14V
TJ = 25°C; Iout = 1A
VBAT = 14V
TJ = 150°C; Iout = 1A
500
850
m
m
VCL
Clamping voltage,
inductive load
Iout = 0.5 A
63
70
76
V
IOUTi
Over current shutdown
(Shutdown latch resets
with pos. slope at INi)
TJ = -40°C
TJ = 25°C
TJ = 150°C
3.0
2.5
2.2
4.3
3.7
3.5
A
A
A
Output leakage current see: Open load diagnostic current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com