Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72PXP Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 46Page - STMicroelectronics L99PM72PXP Datasheet HTML 47Page - STMicroelectronics L99PM72PXP Datasheet HTML 48Page - STMicroelectronics L99PM72PXP Datasheet HTML 49Page - STMicroelectronics L99PM72PXP Datasheet HTML 50Page - STMicroelectronics L99PM72PXP Datasheet HTML 51Page - STMicroelectronics L99PM72PXP Datasheet HTML 52Page - STMicroelectronics L99PM72PXP Datasheet HTML 53Page - STMicroelectronics L99PM72PXP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
Electrical specifications
L99PM72PXP
50/128
Doc ID 023553 Rev 3
5.2
ESD protection
5.3
Thermal data
Table 10.
ESD protection
Parameter
Value
Unit
All pins (1)
1.
HBM (Human Body Model, C = 100 pF, R = 1.5 k
) according to MIL 883C, Method 3015.7 or
EIA/JESD22A114-A.
+/-2
kV
All output pins(2)
2.
HBM with all none zapped pins grounded.
+/-4
kV
LIN
+/-8 (2)
+/-10 (3)
+/-6 (4)
3.
Indirect ESD test according to IEC 61000-4-2 (C = 150 pF, R = 330
) and ‘Hardware Requirements for
LIN, CAN and Flexray Interfaces in Automotive Applications’ (version 1.1, 2009-12-02).
4.
Direct ESD test according to IEC 61000-4-2 (C = 150pF, R = 330
) and ‘Hardware Requirements for LIN,
CAN and Flexray Interfaces in Automotive Applications’ (version 1.1, 2009-12-02).
kV
CAN_H, CAN_L
+/-8 (2)
+/-6 (4)
kV
All pins (5)
5.
Charged device model.
+/-500
V
Corner pins (5)
+/-750
V
All pins (6)
6.
Machine model: C = 200 pF; R = 0
+/-200
V
Table 11.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
Rthj_amb
Thermal resistance junction ambient
See Figure 29
K/W
Table 12.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TW_ON
Thermal over temperature
warning threshold
Tj
(1)
1.
Non-overlapping.
120
130
140
°C
TSD1_OFF
Thermal shut-down junction
temperature 1
Tj
(1)
130
140
150
°C
TSD2_OFF
Thermal shut-down junction
temperature 2
Tj
(1)
150
160
170
°C
TSD12_hys
Hysteresis
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com