Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW045V8B Datasheet(PDF) 4 Page - STMicroelectronics

Part # BZW045V8B
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW045V8B Datasheet(HTML) 4 Page - STMicroelectronics

  BZW045V8B Datasheet HTML 1Page - STMicroelectronics BZW045V8B Datasheet HTML 2Page - STMicroelectronics BZW045V8B Datasheet HTML 3Page - STMicroelectronics BZW045V8B Datasheet HTML 4Page - STMicroelectronics BZW045V8B Datasheet HTML 5Page - STMicroelectronics BZW045V8B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZW04-xx
4/6
0.001
0.01
0.1
1
10
100
tp (ms ) EXPO.
1E3
1E2
1E1
1E5
1E4
P
(W)
PP
Tj initial = 25°C
Fig. 2 : Peak pulse power versus exponential pulse duration.
0.1
1
10
100
1000
1
10
100
1000
10
100
BWZ04 5V8
BWZ04 8V5
BWZ04 33
BWZ04 213
BWZ04 376
V(V)
CL
Ipp (A)
t
%Ipp
100
50
0
t r
t< 10
s
r
t
-
-
-
-
-
Tj initial = 25°C
Fig. 3 : Clamping voltage versus peak pulse current.
Exponential waveform tp =20
µs________
tp = 1 ms——————-
tp = 10 ms...............
Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT * (Tamb -25) * VBR (25°C).
For intermediate voltages, extrapolate the given results.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com